PART |
Description |
Maker |
BTB06-600B BTB06-600BRG BTB06-600BW BTB06-600BWRG |
800 V, 6 A, SNUBBERLESS TRIAC, TO-220AB SNUBBERLESS?? LOGIC LEVEL & STANDARD SNUBBERLESS LOGIC LEVEL & STANDARD 缓冲器⑩,逻辑电平 (65.93 k) 5.93十一 INDICATOR BODY, ROUND; Lamp fitting type:Midget Groove; Approval Bodies:BEAB, CSA, VDE, UL; Current, contact max:6A; Depth, external:42mm; Diameter, bezel:18mm; IP rating:IP65; Operations, mechanical No. of:1000000; Temp, op. RoHS Compliant: Yes 240 x 128 pixel format, LED or EL Backlight SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute SNUBBERLESS LOGIC LEVEL & STANDARD SNUBBERLESS/ LOGIC LEVEL & STANDARD Transient Voltage Suppressor Diodes SNUBBERLESS⑩, LOGIC LEVEL & STANDARD From old datasheet system SNUBBERLESS, LOGIC LEVEL & STANDARD 6A TRIACS SNUBBERLESS? LOGIC LEVEL & STANDARD
|
STMicroelectronics N.V. International Rectifier, Corp. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
IDT7164 IDT7164L IDT7164L15D IDT7164L15DB IDT7164L |
Dual UART with 16-Byte Fifos, Selectable IR & 1284 Modes 80-QFP CMOS STATIC RAM 64K (8K x 8-BIT) 8K X 8 STANDARD SRAM, 30 ns, PDIP28 8347 PBGA NO-PB W/O ENCR 8K X 8 STANDARD SRAM, 30 ns, PDIP28 CMOS STATIC RAM 64K (8K x 8-BIT) 8K X 8 STANDARD SRAM, 55 ns, CDIP28 Replaced by TL16C754B : Quad UART with 64-Byte Fifos, Auto Flow Control, Low-Power Modes 68-PLCC -40 to 85 8K X 8 STANDARD SRAM, 25 ns, PDIP28 Dual UART With 64-Byte FIFO 32-QFN 0 to 70
|
Integrated Device Techn... INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
BAW56 BAW56-A1 |
Diodes > JEDEC Standard & Euro Standard Diodes > Surface mounting type SOT23 SILICON PLANAR HIGH SPEED SWITCHING DIODE PAIR COMMON ANODE
|
ROHM Zetex Semiconductors
|
SPD5614 SPD56142 SPD5622SM SPD5618 SPD5618SMS R000 |
1 AMP 200 Α 1000 VOLTS STANDARD RECOVERY RECTIFIER 1 A, 1000 V, SILICON, SIGNAL DIODE 1 AMP 200 ? 1000 VOLTS STANDARD RECOVERY RECTIFIER
|
http:// Solid State Devices, Inc. SOLID STATE DEVICES INC Solid States Devices, I...
|
SA8025A SA8025ADK |
Low-voltage 1.8GHz fractional-N synthesizer ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 低电.8GHz的分数N频率合成
|
NXP Semiconductors N.V.
|
FGFP6007 |
60 Amp Glass Passivated Standard Rectifiers
|
First Components International
|
SOD4002-TS01 SOD4004-TS01 SOD4007-TS01 SOD4001-TS0 |
1 AMP STANDARD RECOVERY RECTIFIER 50 TO 1000 VOLTS
|
MCC[Micro Commercial Components]
|
SOD4001 SOD4003 SOD4004 SOD4007 SOD4006 SOD4002 SO |
1 AMP STANDARD RECOVERY RECTIFIER 50 TO 1000 VOLTS
|
MCC[Micro Commercial Components]
|
S8012DRP |
Teccor? brand Thyristors 12 Amp Standard SCRs
|
Littelfuse
|
S1-100 |
.25 TO 16 AMP STANDARD RECOVERY RECTIFIER FLIP-DIE
|
Sussex Semiconductor, Inc.
|
RL101GP RL104GP RL107GP RL102GP RL103GP RL105GP RL |
1.0 Amp Standard Recovery Rectifier 50-1000 Volts
|
Micro Commercial Compon... MCC[Micro Commercial Components]
|
TDA8024 TDA8024T/C1118 TDA8024AT TDA8024T TDA8024T |
IC card interface; Package: SOT136-1 (SO28); Container: Reel Pack, SMD, 13" SPECIALTY INTERFACE CIRCUIT, PDSO28 ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% IC卡接 Three specifically protected half-duplex bidirectional buffered I/O lines to card contacts C4, C7 and C8
|
NXP Semiconductors N.V. List of Unclassifed Manufacturers
|